PART |
Description |
Maker |
C-13-622-TDFB-SSC4-G5 C-13-622-TDFB3-SSC4-G5 C-13- |
622 Mbps DFB Laser Single Mode Transceiver(LH) FIBER OPTIC TRANSCEIVER, 1100-1600nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc. http://
|
B-13-622-TDPM3-SSC4-60 B-15-622-TDPM3-SSC4-60 B-13 |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR 622 Mbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
CT2-PL1LATD53C1 CT2-PL1LFTD33C1 CT2-PL1LKTD51C1 |
FIBER OPTIC TRANSCEIVER, 1280-1335nm, 622Mbps(Tx), 622Mbps(Rx), PANEL MOUNT, LC CONNECTOR
|
JDS UNIPHASE CORP
|
SP-DR-IR1-CDA SP-DR-IR1-CNA SP-DR-IR1-TDA SP-DR-IR |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), PANEL MOUNT Dual Rate SFP Transceiver
|
Source Photonics, Inc.
|
ZL60007/TBD |
1310nm, 1550nm 622Mbps PIN with Preamplifier FIBER OPTIC RECEIVER, 1310-1550nm, 622Mbps, THROUGH HOLE MOUNT, TO-46
|
Zarlink Semiconductor, Inc.
|
SP-12-IR1-CDFM SP-12-LR1-IDFM SP-12-LR1-CDFM |
FIBER OPTIC TRANSCEIVER, 1293-1334nm, 622Mbps(Tx), 622Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1280-1335nm, 622Mbps(Tx), 622Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE
|
|
IDT71T75602S133BG IDT71T75802S200BG IDT71T75802S20 |
512K x 36/ 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 2.5V 512K X 36 ZBT Synchronous 2.5V I/O PipeLine SRAM 512K x 36, 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 512K x 36, 1M x 18 2.5V Synchronous ZBT?/a> SRAMs 2.5V I/O, Burst Counter Pipelined Outputs BULK COAXIAL CABLE; RE-SHAPABLE VERSION OF PE-047SR 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 4.2 ns, PQFP100 High-Performance Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.2 ns, PBGA119 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 3 ns, PQFP100 Current-Mode PWM Controller 14-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.8 ns, PQFP100 Current-Mode PWM Controller 8-PDIP -40 to 85 1M X 18 ZBT SRAM, 3.5 ns, PQFP100 Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 5 ns, PQFP100
|
IDT Integrated Device Technology, Inc. SRAM
|
LT-74H73H-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
|
Optoway Technology Inc.
|
SPL-54B33B-AG SPL-54B33B-G |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver
|
Optoway Technology Inc
|
LT-74E73E-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)
|
Optoway Technology Inc
|
MAX3643ETG_ MAX3643 MAX3643ETG |
Burst-Mode Laser Driver
|
MAXIM[Maxim Integrated Products]
|
AN1114 |
BURST MODE TRIAC CONTROL
|
ST Microelectronics
|
|